Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG9HL-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UG9HL-AG6-R
Description  GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG9HL-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UG9HL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UG9HL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UG9HL-AG6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG9H
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-026.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-6 ~ +40
V
Output Current
IO
70
mA
IC
100
mA
Power Dissipation (Note 2)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 120mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VI(OFF)
VCC=5V, IO=100μA
0.5
V
VI(ON)
VO=0.3V, IO=10mA
3
V
Output Voltage
VO(ON)
IO/II=10mA/0.5mA
0.1
0.3
V
Input Current
II
VI=5V
0.88
mA
Output Current
IO(OFF)
VCC=50V, VI =0V
0.5
µA
DC Current Gain
GI
VO=5V, IO=5mA
30
Transition Frequency
fT
VCE =10V, IE=-5mA, f=100MHz (Note 1)
250
MHz
Input Resistance
R1
7
10
13
KΩ
Resistance Ratio
R2/ R1
0.8
1
1.2
Note: Transition frequency of the transistor.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com