Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMT1NG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMT1NG-AL6-R
Description  GENERAL PURPOSE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMT1NG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMT1NG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UMT1NG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UMT1NG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMT1N
Preliminary
DUAL TRANSISTOR
www.unisonic.com.tw
2 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
VER.A
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-0.15
A (DC)
Collector Power Dissipation
Pc
0.15
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-50µA
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-50µA
-6
V
Collector CutOff Current
ICBO
VCB=-60V
-0.1
µA
Emitter CutOff Current
IEBO
VEB=-6V
-0.1
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC/IB=-50mA/-5mA
-0.5
V
DC Current Transfer Ratio
hFE
VCE=-6V, IC=-1mA
120
560
Transition Frequency
fT
VCE=-12V, IE=2mA, f=100MHz
140
MHz
Output Capacitance
Cob
VCB=-12V, IE=0A, f=1MHz
4
5
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com