Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2C331MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCS2C331MHD
Description  Miniature Sized, High Ripple Current, High Reliability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2C331MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UCS2C331MHD Datasheet HTML 1Page - Nichicon corporation UCS2C331MHD Datasheet HTML 2Page - Nichicon corporation UCS2C331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz or more
1.00
Frequency coefficient of rated ripple current
V
10
× 16
10
× 20
10
× 20
10
× 20
12.5
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 20
16
× 25
18
× 31.5
320
500
650
750
1180
1275
1420
1420
1890
2370
3130
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 25
18
× 35.5
320
500
650
980
1300
1380
1420
1890
2365
3220
10
× 20
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 25
18
× 31.5
350
500
800
980
1300
1380
1530
1940
3130
10
× 16
10
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 20
18
× 25
18
× 25
280
350
650
900
1080
1400
1375
1530
1575
10
× 16
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 25
18
× 20
18
× 25
18
× 25
280
350
550
760
900
1180
1180
1470
1525
10
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
280
450
600
730
980
980
1200
1575
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
φD
× L (mm)
: Rated ripple current (mArms) at 105
°C 100kHz
: In this case, 6 will be put at 12th digit of type
numbering system.
Cap
Code
6.8
10
15
22
33
47
68
82
100
150
220
330
6R8
100
150
220
330
470
680
820
101
151
221
331
.010
× 40.0
.010
× 40.0
.010
× 50.0
12.5
× 50
.010
× 40.0
.010
× 50.0
12.5
× 50
.010
× 40.0
.010
× 50.0
12.5
× 50
CS
series
ALUMINUM ELECTROLYTIC CAPACITORS
27
33
39
56
68
82
100
120
150
180
270
270
330
390
560
680
820
101
121
151
181
271
.010
× 40.0
.010
× 40.0
.010
× 50.0
12.5
× 50
1260
1360
1660
2530
2D
2E
2G
200
250
400
1220
1360
2070
800
1040
1400
580
720
820
1340
V
2W
450
Rated ripple current (mArms) at 105°C 100kHz
: In this case, 9 will be put at 12th digit of type numbering system.
Pencil-shaped Type
Code
Cap.(µF)
Case size
φ D × L (mm)
CAT.8100C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com