Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPW15 Datasheet(PDF) 2 Page - Tyco Electronics

Part # UPW15
Description  Type UPW Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

UPW15 Datasheet(HTML) 2 Page - Tyco Electronics

  UPW15 Datasheet HTML 1Page - Tyco Electronics UPW15 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultra Precision Wire-Wound Resistors
Type UPW Series
Literature No. 1773299
Issued: 04-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Performance Characteristics
The evaluation of the performance characteristics is carried out with reference to
IEC specifications QC 400 000 and QC 400 100.
How to Order
Orders for these components should include the following information:-
Type, tolerance code letter and value e.g. UPW30 L 1K15
TEST REF
Long Term Tests ±(0.25% + 0.05 ohm)
4.23
Climatic sequence
4.24
Damp heat, steady state
4.25.1
Endurance at 70 °C
4.25.3
Endurance at 145 °C
TEST REF
Short Term Tests ±(0.1% + 0.01 ohm)
4.13
Overload
4.16
Robustness of terminations
4.18
Resistance to soldering heat
4.19
Rapid change of temperature
4.22
Vibration
All resistance values are measured at a distance of 9.53mm (0.375 inch) from
the end cap.
Marking
The resistors are marked with the following information:- Manufacturer's name, type number, value and tolerance,
four figure date code.
Packaging
UPW Series resistors are packed loose in boxes.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com