Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBP01-5M8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBP01-5M8
Description  ESD protection for enhanced micro USB interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBP01-5M8 Datasheet(HTML) 2 Page - STMicroelectronics

  USBP01-5M8 Datasheet HTML 1Page - STMicroelectronics USBP01-5M8 Datasheet HTML 2Page - STMicroelectronics USBP01-5M8 Datasheet HTML 3Page - STMicroelectronics USBP01-5M8 Datasheet HTML 4Page - STMicroelectronics USBP01-5M8 Datasheet HTML 5Page - STMicroelectronics USBP01-5M8 Datasheet HTML 6Page - STMicroelectronics USBP01-5M8 Datasheet HTML 7Page - STMicroelectronics USBP01-5M8 Datasheet HTML 8Page - STMicroelectronics USBP01-5M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
USBP01-5M8
2/12
Doc ID 023287 Rev 1
1
Characteristics
Figure 3.
Electrical characteristics - parameter definitions
1.1
VBUS pin (pin 1)
Table 1.
Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP_VBUS Peak pulse voltage on pin 1 (VBUS - GND1)
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
30
30
kV
VPP_Data
Peak pulse voltage between pins 2 to 5 and
GND2
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
15
kV
PPP_VBUS
Peak pulse power (8/20 µs) - pin VBUS to pin GND1
(1)
Peak pulse power (8/20 µs) - pin GND1 to pin VBUS
(1)
200
90
W
IPP_VBUS Peak pulse current (8/20 µs) on VBUS
6A
Tj
Operating junction temperature range
-55 to + 150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
C
=
Parasitic capacitance
R
BR
RM
RM
RM
PP
d
=
Dynamic impedance
T
=
Voltage temperature coefficient
α
Table 2.
Electrical characteristics Tamb = 25 °C, otherwise specified
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA - pin VBUS to pin GND1
32
35
V
IR = 1 mA - pin GND1 to pin VBUS
14
16
IRM
VRM = 28 V - pin VBUS to pin GND1
30
100
nA
VRM = 12.5 - pin GND1 to pin VBUS
30
100
Cline
F = 1 MHz, VR = 0 V
30
40
pF
VCL
IPP = 1 A - pin VBUS to pin GND1
40
V
IPP = 1 A - pin GND1 to pin VBUS
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com