Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP3B-R47 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # UP3B-R47
Description  Miniature surface mount design
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

UP3B-R47 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  UP3B-R47 Datasheet HTML 1Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 2Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 3Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 4Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 5Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 6Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 7Page - Cooper Bussmann, Inc. UP3B-R47 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Part
Inductance
OCL(1)
I RMS(2)
I SAT(3)
DCR(4)
Number
µH (rated)
µH±20%
Amperes
Amperes
Ohms max.
UP2B-681
680.0
700
0.452
0.355
1.97
UP2B-821
820.0
823
0.423
0.334
2.24
UP2B-102
1000.0
1005
0.369
0.300
2.96
UP3B-R47
0.47
0.452
16.0
25.1
0.0021
UP3B-1R0
1.0
1.34
12.5
15.3
0.0034
UP3B-1R5
1.5
2.08
10.0
12.0
0.0053
UP3B-2R2
2.2
3.01
9.2
10.2
0.0074
UP3B-3R3
3.3
3.96
8.0
9.3
0.0083
UP3B-4R7
4.7
5.00
6.5
7.7
0.0114
UP3B-6R8
6.8
7.70
5.8
6.2
0.0183
UP3B-100
10.0
11.00
4.3
5.2
0.0260
UP3B-150
15.0
16.38
3.9
4.3
0.0317
UP3B-220
22.0
23.93
3.1
3.7
0.0490
UP3B-330
33.0
33.85
2.4
3.0
0.0688
UP3B-470
47.0
51.00
1.9
2.4
0.1082
UP3B-680
68.0
69.50
1.6
2.0
0.1558
UP3B-101
100.0
101.40
1.4
1.8
0.2053
UP3B-331
330.0
332.80
0.75
0.98
0.7330
UP4B-R47
0.47
0.473
19.2
51.7
0.0019
UP4B-1R0
1.0
0.916
17.3
37.3
0.0023
UP4B-1R5
1.5
1.52
13.4
28.9
0.0039
UP4B-2R2
2.2
2.27
12.0
23.7
0.0048
UP4B-3R3
3.3
3.14
11.0
20.2
0.0057
UP4B-4R7
4.7
5.34
8.6
15.6
0.0093
UP4B-6R8
6.8
6.66
8.3
14.1
0.0100
UP4B-100
10.0
9.77
6.8
11.5
0.0150
UP4B-150
15.0
15.61
5.5
9.1
0.0230
UP4B-220
22.0
22.61
4.5
7.6
0.0340
UP4B-330
33.0
34.30
3.7
6.1
0.0520
UP4B-470
47.0
48.10
3.1
5.2
0.0740
UP4B-680
68.0
69.14
2.4
4.3
0.1200
UP4B-101
100.0
99.42
2.0
3.6
0.1700
UP4B-151
150.0
146.90
1.7
3.0
0.2392
UP4B-221
220.0
221.40
1.4
2.4
0.3571
UP4B-331
330.0
330.00
1.1
2.0
0.5800
UP4B-471
470.0
470.10
0.91
1.7
0.8330
Notes: (1) Open Circuit Inductance Test Parameters: 100KHz, .250Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C. at an ambient temperature
of 85˚C.
(3) Peak current for approximately 30% rolloff @ 20°C.
(4) DCR limits 20°C.
®
UNI-PAC™
Power Inductors
(Surface Mount)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com