Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5V330G-R16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US5V330G-R16-T
Description  WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5V330G-R16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  US5V330G-R16-T Datasheet HTML 1Page - Unisonic Technologies US5V330G-R16-T Datasheet HTML 2Page - Unisonic Technologies US5V330G-R16-T Datasheet HTML 3Page - Unisonic Technologies US5V330G-R16-T Datasheet HTML 4Page - Unisonic Technologies US5V330G-R16-T Datasheet HTML 5Page - Unisonic Technologies US5V330G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US5V330
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-908.a
ABSOLUTE MAXIMUM RATING
(Which the useful life may be impaired. For user guidelines, not tested.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage to Ground Potential (Inputs & VCC Only)
VDC
-0.5~+7.0
V
Supply Voltage to Ground Potential (Outputs & D/O Only)
-0.5~+7.0
V
DC Input Voltage
VIO
-0.5~+7.0
V
DC Output Current
IIO
120
mA
Power Dissipation
PD
0.5
W
Storage Temperature
TSTG
-65~+150
°C
Ambient Temperature with Power Applied
TA
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
(Over the Operating Range, TA=-40°C~+85°C, VCC=5V±5%)
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX UNIT
Analog Signal Range
VANALOG
0
2.0
V
Input HIGH Voltage
VIH
Guaranteed Logic HIGH Level
2.0
V
Input LOW Voltage
VIL
Guaranteed Logic LOW Level
-0.5
0.8
V
Input HIGH Current
IIH
VCC=Max., VIN=VCC
±1
µA
Input LOW Current
IIL
VCC=Max., VIN=GND
±1
µA
Analog Output Leakage Current
IO
0 ≤ S1, S2 or D ≤VCC, Switch OFF
±1
µA
Clamp Diode Voltage
VIK
VCC=Min., IIN=-18mA
-0.7
-1.2
V
Input Hysteresis at Control Pins
VH
150
mV
Switch On-Resistance (Note 3)
RON
VCC=Min., VIN=1.0V, ION=13mA
5
7
Ω
VCC=Min., VIN=2.0V, ION=26mA
7
10
Ω
Notes:1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device type.
2. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading.
3. Measured by the voltage drop between S1, S2, and D I/O pins at indicated current through the switch.
On-Resistance is determined by the lower of the voltages on the S1, S2, and D I/O pins.
DYNAMIC CHARACTERISTICS (Over the Operating Range, TA=-40°C~+85°C, VCC=5V±5%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Turn On Time
tON
RL=75Ω, CL=20PF, See Fig. 1
2.5
5
ns
Turn Off Time
tOFF
RL=75Ω, CL=20PF, See Fig. 1
1.1
5
ns
-3 dB Bandwidth
BW
(Note)
See Fig. 2
400
MHz
Crosstalk
XTALK
10MHz, See Fig. 2
-48
dB
Input/Enable Capacitance
CIN
(Note)
VIN= 0V, f=1MHz
6
pF
Capacitance, Switch Off
COFF
(Note)
VIN=0V, f=1MHz
6
pF
Capacitance, Switch On
CON
(Note)
VIN= 0V, f=1MHz
9
pF
Off Isolation
OIRR
10MHz, See Fig. 2
-36
dB
Note: This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com