Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1051L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USR1051L-SH2-R
Description  3 A SYNCHRONOUS BUCK REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1051L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USR1051L-SH2-R Datasheet HTML 1Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 2Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 3Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USR1051
Preliminary
LINEAR INTEGRATED CIRCUIT
3 A SYNCHRONOUS BUCK
REGULATOR
DESCRIPTION
The UTC USR1051 is a high efficiency, 3A synchronous buck
regulator. The UTC USR1051 works from 5V to 23V input voltage
range, and provides up to 3A of continuous output current with an
output voltage adjustable down to 0.8V.
The UTC USR1051 comes in an exposed pad HSOP-8
package and is rated over a -40°C~+85°C operating ambient
temperature range.
FEATURES
* Synchronous Buck
* 5V~23V operating input voltage range
* High efficiency
* Internal soft start
* Output voltage adjustable to 0.8V
* 3A continuous output current
* Cycle-by-cycle current limit
* 400kHz PWM operation
* Pre-bias start-up
* Thermal shutdown
* Short-circuit protection
* Exposed pad HSOP-8 package
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
USR1051L-SH2-T
USR1051G-SH2-T
HSOP-8
Tube
USR1051L-SH2-R
USR1051G-SH2-R
HSOP-8
Tape Reel
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-065.b


Similar Part No. - USR1051L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1051L-SH2-R UTC-USR1051L-SH2-R Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - USR1051L-SH2-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
EZBuck??3 A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com