Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3232 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3232
Description  3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3232 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3232 Datasheet HTML 1Page - Unisonic Technologies UT3232 Datasheet HTML 2Page - Unisonic Technologies UT3232 Datasheet HTML 3Page - Unisonic Technologies UT3232 Datasheet HTML 4Page - Unisonic Technologies UT3232 Datasheet HTML 5Page - Unisonic Technologies UT3232 Datasheet HTML 6Page - Unisonic Technologies UT3232 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UT3232
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-A68.b
MARKING INFORMATION
PACKAGE
MARKING
SOP-16
TSSOP-16
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
C1+
Positive Terminal of Voltage-Doubler Charge-Pump Capacitor
2
V+
+5.5V Generated by the Charge Pump
3
C1-
Negative Terminal of Voltage-Doubler Charge-Pump Capacitor
4
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
5
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
6
V-
-5.5V Generated by the Charge Pump
7
DOUT2
RS-232 Driver Outputs
8
RIN2
RS-232 Receiver Inputs
9
ROUT2
TTL/CMOS Receiver Outputs
10
DIN2
TTL/CMOS Driver Inputs
11
DIN1
TTL/CMOS Driver Inputs
12
ROUT1
TTL/CMOS Receiver Outputs
13
RIN1
RS-232 Receiver Inputs
14
DOUT1
RS-232 Driver Outputs
15
GND
Ground
16
VCC
+3.0V to +5.5V Supply Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com