Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT232EG-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT232EG-R16-T
Description  HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232EG-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UT232EG-R16-T Datasheet HTML 1Page - Unisonic Technologies UT232EG-R16-T Datasheet HTML 2Page - Unisonic Technologies UT232EG-R16-T Datasheet HTML 3Page - Unisonic Technologies UT232EG-R16-T Datasheet HTML 4Page - Unisonic Technologies UT232EG-R16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT232E
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A19. a
HIGH PERFORMANCE RS-232
LINE DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT232E has two drivers and two receivers with dual
charge-pump circuit. It meets RS-232D and V.28 specifications. Its
high performance includes increased drive current for longer and
more flexible cable configurations and 10V/µs slew rate, 120kbps
guaranteed transmission rate. For easier use, enhancements include
better ESD protection for RS-232 I/O pins, low power dissipation and
four external small 0.1µF charge pump capacitors.
FEATURES
* Single power supply: 3.3V~5.5V
* Low power supply current: 3.0mA
* Multiple drivers and receivers
* Receiver input levels: ±25V
* 3-State outputs of TTL/CMOS receiver
* High output slew rate: 10V/µs under load
* High data rate: 120kbps under load
* Four external small charge pump capacitors: 0.1µF
* Exceeds ±8KV HBM ESD protection for RS-232 I/O pins
DIP-16
SOP-16
SSOP-16(209mil)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT232EL-D16-T
UT232EG-D16-T
DIP-16
Tube
UT232EL-S16-T
UT232EG-S16-T
SOP-16
Tube
UT232EL-S16-R
UT232EG-S16-R
SOP-16
Tape Reel
UT232EL-R16-T
UT232EG-R16-T
SSOP-16
Tube
UT232EL-R16-R
UT232EG-R16-R
SSOP-16
Tape Reel


Similar Part No. - UT232EG-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT232EG-R16-R UTC-UT232EG-R16-R Datasheet
234Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
More results

Similar Description - UT232EG-R16-T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
SP202E SIPEX-SP202E_04 Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP202E EXAR-SP202E Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
High Performance RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com