Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD410G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTD410G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD410G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTD410G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD410G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD410G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD410G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD410G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTD410
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-142.B
TYPICAL CHARACTERISTICS(Cont.)
0
8
2
Total Gate Charge, Qg (nC)
Gate-Charge Characteristics
8
24
6
0
4
10
0
Drain-Source Voltage, VDS (V)
Capacitance Characteristics
30
515
25
0
20
10
6
200
400
600
800
1000
1200
1400
VDS=15V
ID=8A
CISS
COSS
CRSS
0.00001
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
0.1
0.0001
0.01
10
0.1
0.001
1
10
100
1000
1
0.01
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=60°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TON
PD
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com