Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD410G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD410G-AA3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD410G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD410G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UTD410G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UTD410G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UTD410G-AA3-R Datasheet HTML 4Page - Unisonic Technologies UTD410G-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTD410
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-142.B
TYPICAL CHARACTERISTICS
0
150
50
Gate-Source Voltage, VGS (V)
On-Resistance vs. Gate-Source Voltage
10
4
36
8
10
90
110
190
0.0
Source-Drain Voltage, VSD (V)
Body-Diode Characteristics
1.2
0.2
0.6
1.0
1.0E-06
ID=8A
0.8
0.4
125℃
25℃
170
130
70
30
125℃
25℃
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com