Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT200N03G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT200N03G-TQ2-R
Description  200A, 30V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT200N03G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT200N03G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT200N03G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT200N03G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT200N03G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT200N03G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT200N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-758.C
200A, 30V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT200N03 is a N-channel MOSFET using UTC’s
advanced technology to provide customers with a minimum on-state
resistance and superior switching performance.
The UTC UTT200N03 is generally applied in DC to DC convertor
or synchronous rectification
FEATURES
* Fast Switching
* 100% Avalanche Tested
* High Power and Current Handling Capability
* RoHS Compliant
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT200N03L-TA3-T
UTT200N03G-TA3-T
TO-220
G
D
S
Tube
UTT200N03L-TQ2-T
UTT200N03G-TQ2-T
TO-263
G
D
S
Tube
UTT200N03L-TQ2-R
UTT200N03G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-220
TO-263


Similar Part No. - UTT200N03G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT200N03G-TQ2-R UTC-UTT200N03G-TQ2-R Datasheet
249Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UTT200N03G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com