Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1NNPP10L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 1NNPP10L-S08-R
Description  100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1NNPP10L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  1NNPP10L-S08-R Datasheet HTML 1Page - Unisonic Technologies 1NNPP10L-S08-R Datasheet HTML 2Page - Unisonic Technologies 1NNPP10L-S08-R Datasheet HTML 3Page - Unisonic Technologies 1NNPP10L-S08-R Datasheet HTML 4Page - Unisonic Technologies 1NNPP10L-S08-R Datasheet HTML 5Page - Unisonic Technologies 1NNPP10L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1NNPP10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-780.B
TEST CIRCUITS AND WAVEFORMS
50kΩ
300nF
DUT
VDS
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com