Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02N06ZG-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 02N06ZG-AL3-R
Description  0.2A, 60V SILICON N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

02N06ZG-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  02N06ZG-AL3-R Datasheet HTML 1Page - Unisonic Technologies 02N06ZG-AL3-R Datasheet HTML 2Page - Unisonic Technologies 02N06ZG-AL3-R Datasheet HTML 3Page - Unisonic Technologies 02N06ZG-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
02N06Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-906.a
0.2A, 60V SILICON N-CHANNEL
MOSFET
DESCRIPTION
The UTC 02N06Z is a silicon N-channel MOSFET, it uses UTC’s
advanced technology to provide the customers with a minimum on
state resistance, high switching speed and low gate charge.
FEATURES
* RDS(ON)<2.4Ω @ VGS=10V, ID=200mA
RDS(ON)<4.0Ω @ VGS=4V, ID=200mA
* High switching speed
* Low gate charge
* High ESD
SYMBOL
2. Gate
3. Drain
1. Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
02N06ZL-AL3-R
02N06ZG-AL3-R
SOT-323
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - 02N06ZG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
02N120 INFINEON-02N120 Datasheet
402Kb / 13P
Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
logo
Rectron Semiconductor
02N17 RECTRON-02N17 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N18 RECTRON-02N18 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N19 RECTRON-02N19 Datasheet
361Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
logo
Unisonic Technologies
02N50 UTC-02N50 Datasheet
141Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - 02N06ZG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002SN HSMC-H2N7002SN Datasheet
117Kb / 5P
N-Channel MOSFET (60V, 0.2A)
logo
Fairchild Semiconductor
FQT1N80TF FAIRCHILD-FQT1N80TF Datasheet
814Kb / 8P
N-Channel MOSFET 800V, 0.2A, 20
logo
Unisonic Technologies
BSS139Z UTC-BSS139Z Datasheet
137Kb / 3P
0.2A, 50V N-CHANNEL POWER MOSFET
logo
Dongguan City Niuhang E...
NVT075N03S NIUHANG-NVT075N03S Datasheet
750Kb / 8P
Silicon 60V N-Channel MOSFET
NVT150N06C NIUHANG-NVT150N06C Datasheet
917Kb / 8P
Silicon 60V N-Channel MOSFET
logo
Torex Semiconductor
XP231N0201TR-G TOREX-XP231N0201TR-G Datasheet
269Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02013R-G TOREX-XP231N02013R-G Datasheet
397Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02015R-G TOREX-XP231N02015R-G Datasheet
402Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02017R-G TOREX-XP231N02017R-G Datasheet
401Kb / 6P
N-channel MOSFET 30V, 0.2A
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com