Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N70KG-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2N70KG-TN3-R
Description  2 Amps, 700 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70KG-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2N70KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N70KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N70KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N70KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N70KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N70KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N70K
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-930, A
TEST CIRCUITS AND WAVEFORMS (Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
10V
Charge
QGS
QGD
QG
VGS
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
DD
DSS
DSS
2
AS
AS
V
-
BV
BV
LI
2
1
=
E
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com