Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD013TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6208PD013TR
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD013TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6208PD013TR Datasheet HTML 9Page - STMicroelectronics L6208PD013TR Datasheet HTML 10Page - STMicroelectronics L6208PD013TR Datasheet HTML 11Page - STMicroelectronics L6208PD013TR Datasheet HTML 12Page - STMicroelectronics L6208PD013TR Datasheet HTML 13Page - STMicroelectronics L6208PD013TR Datasheet HTML 14Page - STMicroelectronics L6208PD013TR Datasheet HTML 15Page - STMicroelectronics L6208PD013TR Datasheet HTML 16Page - STMicroelectronics L6208PD013TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID7514 Rev 2
13/35
L6208
Circuit description
35
5.2
Logic inputs
Pins CONTROL, HALF/FULL, CLOCK, RESET and CW/CCW are TTL/CMOS compatible
logic inputs. The internal structure is shown in Figure 9. Typical value for turn-on and turn-off
thresholds are respectively V
th(ON) = 1.8 V and Vth(OFF) = 1.3 V.
Pin EN (“Enable”) has identical input structure with the exception that the drain of the
overcurrent and thermal protection MOSFET is also connected to this pin. Due to this
connection some care needs to be taken in driving this pin. The EN input may be driven in
one of two configurations as shown in Figure 10 or Figure 11. If driven by an open drain
(collector) structure, a pull-up resistor REN and a capacitor CEN are connected as shown in
Figure 10. If the driver is a standard Push-Pull structure the resistor R
EN and the capacitor
C
EN are connected as shown in Figure 11. The resistor REN should be chosen in the range
from 2.2 K
 to 180 K. Recommended values for R
EN and CEN are respectively 100 K and
5.6 nF. More information on selecting the values is found in Section 7.5: Non-dissipative
overcurrent protection on page 21.
Figure 9. Logic inputs internal structure
Figure 10. EN pin open collector driving
Figure 11. EN pin push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com