Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6208
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6208 Datasheet HTML 10Page - STMicroelectronics L6208 Datasheet HTML 11Page - STMicroelectronics L6208 Datasheet HTML 12Page - STMicroelectronics L6208 Datasheet HTML 13Page - STMicroelectronics L6208 Datasheet HTML 14Page - STMicroelectronics L6208 Datasheet HTML 15Page - STMicroelectronics L6208 Datasheet HTML 16Page - STMicroelectronics L6208 Datasheet HTML 17Page - STMicroelectronics L6208 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
PWM current control
L6208
14/35
DocID7514 Rev 2
6
PWM current control
The L6208 device includes a constant off time PWM current controller for each of the two
bridges. The current control circuit senses the bridge current by sensing the voltage drop
across an external sense resistor connected between the source of the two lower power
MOS transistors and ground, as shown in Figure 12. As the current in the motor builds up
the voltage across the sense resistor increases proportionally. When the voltage drop
across the sense resistor becomes greater than the voltage at the reference input (VREFA
or VREFB) the sense comparator triggers the monostable switching the bridge off. The
power MOS remains off for the time set by the monostable and the motor current
recirculates as defined by the selected decay mode, described in Section 7: Decay modes
on page 18. When the monostable times out the bridge will again turn on. Since the internal
deadtime, used to prevent cross conduction in the bridge, delays the turn on of the power
MOS, the effective off time is the sum of the monostable time plus the deadtime.
Figure 12. PWM current controller simplified schematic
Figure 13 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the RC pin voltage and the status of the bridge. More details
regarding the synchronous rectification and the output stage configuration are included in
Section 7: Decay modes on page 18.
Immediately after the power MOS turns on, a high peak current flows through the sensing
resistor due to the reverse recovery of the freewheeling diodes. The L6208 device provides
a 1
s blanking time t
BLANK that inhibits the comparator output so that this current spike
cannot prematurely retrigger the monostable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com