Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208N Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6208N
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6208N Datasheet HTML 12Page - STMicroelectronics L6208N Datasheet HTML 13Page - STMicroelectronics L6208N Datasheet HTML 14Page - STMicroelectronics L6208N Datasheet HTML 15Page - STMicroelectronics L6208N Datasheet HTML 16Page - STMicroelectronics L6208N Datasheet HTML 17Page - STMicroelectronics L6208N Datasheet HTML 18Page - STMicroelectronics L6208N Datasheet HTML 19Page - STMicroelectronics L6208N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
PWM current control
L6208
16/35
DocID7514 Rev 2
Therefore:
Equation 3
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6 ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the rise time tRCRISE of the voltage at the
pin RCOFF. The rise time tRCRISE will only be an issue if the capacitor is not completely
charged before the next time the monostable is triggered. Therefore, the on time tON, which
depends by motors and supply parameters, has to be bigger than tRCRISE for allowing
a good current regulation by the PWM stage. Furthermore, the on time tON can not be
smaller than the minimum on time tON(MIN).
Equation 4
tRCRISE = 600 · COFF
Figure 15 shows the lower limit for the on time tON for having a good PWM current
regulation capacity. It has to be said that t
ON is always bigger than t
ON(MIN) because the
device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case the
device continues to work but the off time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and,
therefore, higher switching frequency), but, the smaller is the value for COFF, the more
influential will be the noises on the circuit performance.
Figure 14. tOFF versus COFF and ROFF
tON tON MIN

>1.5
s (typ. value)
=
tON tRCRISE tDT
–
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com