Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 11Page - STMicroelectronics L9733 Datasheet HTML 12Page - STMicroelectronics L9733 Datasheet HTML 13Page - STMicroelectronics L9733 Datasheet HTML 14Page - STMicroelectronics L9733 Datasheet HTML 15Page - STMicroelectronics L9733 Datasheet HTML 16Page - STMicroelectronics L9733 Datasheet HTML 17Page - STMicroelectronics L9733 Datasheet HTML 18Page - STMicroelectronics L9733 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L9733
Electrical performance characteristics
Doc ID 11319 Rev 11
15/34
Figure 2.
Output turn on/off delays and slew rates
SRC1-8htol
Slew rate
turn on
Outputs loaded as Figure 4
See Figure 2
See Figure 2
0.65
-
1.95
V/
s
SRC1-8ltoh
Turn off (High-side)
0.5
-
1.5
V/
s
Drn1-8tondly
Delay time
Turn on
Outputs loaded as Figure 4
See Figure 2
See Figure 2
2
-
20
s
Drn1-8toffdly
Turn off (low-side)
10
-
100
s
SRC1-8tondly
Delay time
Turn on
Outputs loaded as Figure 4
See Figure 2
See Figure 2
2
-
20
s
SRC1-8toffdly Turn off (high-side)
10
-
100
s
Drn1-8offon
Delay delta
Drn1-8toffdly - Drn1-8tondly
10
-
60
s
SRC1-8offon Delay delta
SRC1-8toffdly - SRC1-8tondly
10
-
60
s
Table 7.
AC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRN1-8tondly
IN 6-8
DRN1-8
DRN1-8
DRN1-8toffdly
DRN1-8toffdly
DRN1-8ltoh
DRN1-8htol
90%
20%
20%
90%
IN1- 5 are available on wafer only
SRC1-8tondly
SRC1-8
SRC1-8
SRC1-8toffdly
DRN1-8ltoh
DRN1-8htol
90%
20%
20%
90%
IN1- 5 are available on wafer only
SRC1-8tondly
SRC1-8
SRC1-8
SRC1-8toffdly
SRC1-8htol
SRC1-8ltoh
80%
10%
10%
80%
LSD
HSD
-
IN 6- 8
IN 6- 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com