Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM2901
Description  Low-power quad voltage comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM2901 Datasheet HTML 9Page - STMicroelectronics LM2901 Datasheet HTML 10Page - STMicroelectronics LM2901 Datasheet HTML 11Page - STMicroelectronics LM2901 Datasheet HTML 12Page - STMicroelectronics LM2901 Datasheet HTML 13Page - STMicroelectronics LM2901 Datasheet HTML 14Page - STMicroelectronics LM2901 Datasheet HTML 15Page - STMicroelectronics LM2901 Datasheet HTML 16Page - STMicroelectronics LM2901 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
LM2901
Ordering information
Doc ID 2468 Rev 7
15/17
6
Ordering information
Table 8.
Order codes
Order code
Temperature
range
Package
Packing
Marking
LM2901N
-40°C to +125°C
DIP14
Tube
LM2901N
LM2901D
LM2901DT
SO-14
Tube or tape & reel
2901
LM2901PT
TSSOP14
Tape & reel
LM2901Q4T
QFN16 3x3
Tape & reel
K5I
LM2901YDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-14
(Automotive grade)
Tape & reel
2901Y
LM2901YPT(1)
TSSOP14
(Automotive grade)
Tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com