Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS0705-470M-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # LDS0705-470M-R
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LDS0705-470M-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  LDS0705-470M-R Datasheet HTML 1Page - Cooper Bussmann, Inc. LDS0705-470M-R Datasheet HTML 2Page - Cooper Bussmann, Inc. LDS0705-470M-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LDS0705 Series
Shielded Power Inductors
Temperature Rise vs. Watt Loss
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Total Loss (W)
Parts packaged on 13" Diameter reel,
1,000 parts per reel.
Packaging Information
Dimensions are in millimeters.
xxx = Inductance in uH. R = decimal point. If no R is present third character = # of zeros.
wwllyy = Date code, R = Revision level.
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
TOP VIEW
XX X
wwllyy R
SIDE VIEW
BOTTOM VIEW
7.0±0.2
7.8±0.2
5.0 Max.
7.0
3.0
2.0
2.0 Typ.
Mechanical Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com