Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB415DS01 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB415DS01
Description  415MHz Low-loss SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB415DS01 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB415DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 3Page - SIPAT Co,Ltd LB415DS01 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB415DS01
Rev. Date
2007-04-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
415MHz Low-loss SAW Filter
9MHz Bandwidth
Part Number: LB415DS01
Typical Performance
Frequency Respond
Passband Respond
370
380
390
400
410
420
430
440
450
460
-72.208
-62.208
-52.208
-42.208
-32.208
-22.208
-12.208
-2.208
7.792
Type Performance
Frequency(MHz)
3dB CF = 415.2675MHz
1.5dB = 10.1869MHz
3dB = 11.5112MHz
Insert Loss = -2.208dB
Passband Ripple = 0.23865dB
Ultimate Rejection = 26.1081dB
Group Delay = 36.6537ns
Phase Linearity = 11.3767deg
Absolute Delay = 98.0247ns
Horizontal: 10MHz/Div
Vertical: 10dB/Div
400
405
410
415
420
425
430
-4.208
-3.708
-3.208
-2.708
-2.208
-1.708
-1.208
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4MHz)
Phase Linearity(f0±4MHz)
405
410
415
420
425
-20
0
20
40
60
80
100
120
140
160
180
200
X: 415
Y: 83.07
Type Performance
Frequency(MHz)
X: 419
Y: 105.4
X: 411
Y: 127.3
Horizontal: 5MHz/Div
Vertical: 20ns/Div
405
410
415
420
425
-30
-20
-10
0
10
20
30
X: 415
Y: -2.781
Type Performance
Frequency(MHz)
X: 419
Y: 5.022
X: 411
Y: 6.077
Horizontal: 5MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com