Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161-MH-T Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT25DF161-MH-T
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161-MH-T Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT25DF161-MH-T Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
AT25DF161
Figure 9-4.
Unprotect Sector
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sector and Unprotect Sector
functions. For example, a system can globally protect the entire memory array and then use the Unprotect Sector
command to individually unprotect certain sectors and individually reprotect them later by using the Protect Sector
command. Likewise, a system can globally unprotect the entire memory array and then individually protect certain sectors
as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combination of data to the Status
Register using the Write Status Register Byte 1 command (see “Write Status Register Byte 1” on page 33 for command
execution details). The Write Status Register command is also used to modify the SPRL (Sector Protection Registers
Locked) bit to control hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the system must write a logical
“1” to bits five, four, three, and two of the first byte of the Status Register. Conversely, to perform a Global Unprotect, the
same WP and SPRL conditions must be met but the system must write a logical “0” to bits five, four, three, and two of the
first byte of the Status Register. Table 9-2 details the conditions necessary for a Global Protect or Global Unprotect to be
performed.
Sectors that have been erase or program suspended must remain in the unprotected state. If a Global Protect operation is
attempted while a sector is erase or program suspended, the protection operation will abort, the protection states of all
sectors in the Flash memory array will not change, and WEL bit in the Status Register will be reset back to a logical “0”.
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com