Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN70A52 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN70A52
Description  70MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A52 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN70A52 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A52 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A52 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A52
Rev. Date
2007-12-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
70MHz SAW Filter
7MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN70A52
Features
For IF SAW filter
High attenuation
Single-ended operation
No matching required for operation at 50Ω
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.96
70
70.04
Insertion Loss
dB
-
22.6
25
1 dB Bandwidth
MHz
7.14
7.15
-
3 dB Bandwidth
MHz
-
7.32
-
40 dB Bandwidth
MHz
-
7.95
8.02
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
3.81
-
Group Delay(f0±3MHz)
nsec
-
130
200
Ultimate Rejection
dB
40
50
-
Material Temperature coefficient
KHz/°C
-6.58
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1
Package Size
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN70A52

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A52 SIPAT-LBN70A52 Datasheet
187Kb / 3P
70MHz SAW Filter 7MHz Bandwidth
More results

Similar Description - LBN70A52

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LB070DS30 SIPAT-LB070DS30 Datasheet
258Kb / 3P
70MHz SAW Filter
LBN70A16 SIPAT-LBN70A16 Datasheet
251Kb / 3P
70MHz SAW Filter
LBN70A28 SIPAT-LBN70A28 Datasheet
172Kb / 3P
70MHz SAW Filter
LBN70A36 SIPAT-LBN70A36 Datasheet
143Kb / 3P
70MHz SAW Filter
LBN70A44 SIPAT-LBN70A44 Datasheet
150Kb / 3P
70MHz SAW Filter
LBN70A60 SIPAT-LBN70A60 Datasheet
192Kb / 3P
70MHz SAW Filter
LBN70A62 SIPAT-LBN70A62 Datasheet
193Kb / 3P
70MHz SAW Filter
LBN70A71 SIPAT-LBN70A71 Datasheet
196Kb / 3P
70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com