Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43-KZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS43L43-KZ
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43-KZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS43L43-KZ Datasheet HTML 28Page - Cirrus Logic CS43L43-KZ Datasheet HTML 29Page - Cirrus Logic CS43L43-KZ Datasheet HTML 30Page - Cirrus Logic CS43L43-KZ Datasheet HTML 31Page - Cirrus Logic CS43L43-KZ Datasheet HTML 32Page - Cirrus Logic CS43L43-KZ Datasheet HTML 33Page - Cirrus Logic CS43L43-KZ Datasheet HTML 34Page - Cirrus Logic CS43L43-KZ Datasheet HTML 35Page - Cirrus Logic CS43L43-KZ Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
CS43L43
34
DS479PP3
RECOMMENDED OPERATING CHARACTERISTICS (GND = 0V; all voltages with respect
to GND.)
ABSOLUTE MAXIMUM RATINGS (GND = 0 V; all voltages with respect to AGND. Operation
beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these
extremes.)
Notes: 8. Normal operation is defined as RST = HI with a 997 Hz, 0dBFS input sampled at Fs = 48kHz, and open
outputs, unless otherwise stated.
9. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
10. Valid with the recommended capacitor values on FILT+ and VQ_HP as shown in Figure 1. Increasing
the capacitance will also increase the PSRR. NOTE: Care should be taken when selecting capacitor
type, as any leakage current in excess of 1.0 µA will cause degradation in analog performance.
11. To prevent clipping the outputs, VA_HPMIN is limited by the Full-Scale Output Voltage VFS_HP, where
VA_HP must be 200 mV greater than VFS_HP. However, if distortion is not a concern, VA_HP may be
as low as 0.9 V at any time.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog
VA
1.7
2.25
3.0
1.8
2.5
3.3
1.9
2.75
3.6
V
V
V
Headphone (Note 11)
VA_HP
0.9
-
3.6
V
Logic
VL
1.7
2.25
3.0
1.8
2.5
3.3
1.9
2.75
3.6
V
V
V
Parameters
Symbol
Min
Max
Units
DC Power Supplies: Positive Analog
Headphone
Digital I/O
VA
VA_HP
VL
-0.3
-0.3
-0.3
4.0
4.0
4.0
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VL + 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com