Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4611 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4611
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4611 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4611 Datasheet HTML 1Page - Cirrus Logic CS4611 Datasheet HTML 2Page - Cirrus Logic CS4611 Datasheet HTML 3Page - Cirrus Logic CS4611 Datasheet HTML 4Page - Cirrus Logic CS4611 Datasheet HTML 5Page - Cirrus Logic CS4611 Datasheet HTML 6Page - Cirrus Logic CS4611 Datasheet HTML 7Page - Cirrus Logic CS4611 Datasheet HTML 8Page - Cirrus Logic CS4611 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
DC CHARACTERISTICS (T
A = 70° C; PCIVDD = CVDD = CRYVDD = 3.3 V; VDD5REF = 5 V;
PCIGND = CGND = CRYGND = 0 V; all voltages with respect to 0 V unless otherwise noted)
Notes: 9. The following signals are tested to 6 mA: FRAME#, TRDY#, IRDY#, DEVSEL#, STOP#, SERR#,
PERR#, and INTA#. All other PCI interface signals are tested to 3 mA.
10. Input leakage currents include hi-Z output leakage for all bi-directional buffers with three-state outputs.
At supply voltages of 3.6 V or higher and ambient temperatures of 70° C, the high level leakage current
may exceed 70 µA. For normal operating ranges of 25° C and a supply voltage of 3.3 V, the high level
leakage current is within specification.
11. For open drain pins, high level output voltage is dependent on external pull-up used and number of
attached gates.
12. Typical values are given as average current with typical SP task execution and data streaming. Current
values vary dramatically based on the software running on the SP.
Parameter
Symbol
Min
Typ
Max
Unit
PCI Interface Signal Pins
High level input voltage
VIH
2-
5.75
V
Low level input voltage
VIL
-0.5
-
0.8
V
High level output voltage
Iout = -2 mA
VOH
2.4
-
-
V
Low level output voltage
Iout = 3 mA, 6 mA
(Note 9)
VOL
--
0.55
V
High level leakage current
Vin = 2.7 V
(Note 10)
IIH
--
70
µA
Low level leakage current
Vin = 0.5 V
(Note 10)
IIL
--
-70
µA
Non-PCI Interface Signal Pins (Except XTALO)
High level input voltage
XTALI
Other Pins
VIH
2.3
2
3.3
-
4.0
5.75
V
V
Low level input voltage
XTALI
Other Pins
VIL
-0.5
-0.5
0
-
0.8
0.8
V
V
High level output voltage
Iout = -4 mA
(Note 11)
VOH
2.4
-
-
V
Low level output voltage
Iout = 4 mA
VOL
--
0.4
V
High level leakage current
Vin = 5.25 V
IIH
--
10
µA
Low level leakage current
Vin = 0
IIL
--
-10
µA
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
CS4610
CS4611
Power Supply Pins (Outputs Unloaded)
Power Supply Current:
VDD5REF
PCIVDD/CVDD/CRYVDD Total (Notes 4,12)
-
-
0.6
200
-
370
-
-
0.6
164
-
240
mA
mA
Low Power Mode Supply Current
-
10
-
-
10
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com