Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4923 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4923
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4923 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4923 Datasheet HTML 36Page - Cirrus Logic CS4923 Datasheet HTML 37Page - Cirrus Logic CS4923 Datasheet HTML 38Page - Cirrus Logic CS4923 Datasheet HTML 39Page - Cirrus Logic CS4923 Datasheet HTML 40Page - Cirrus Logic CS4923 Datasheet HTML 41Page - Cirrus Logic CS4923 Datasheet HTML 42Page - Cirrus Logic CS4923 Datasheet HTML 43Page - Cirrus Logic CS4923 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
AD6
AD4
AD5
AD3 AD2 AD1 AD0 R/W
D7
D6
D5
D4
D3
D2
D1
ACK
D0
ACK
D7
D6
D5
D4
D3
D2
D1
ACK
D0
D7
D6
D5
D4
D3
D2
D1
ACK
D0
I2C Start
I2C Stop
SCCLK
SCDIO
AD6
AD4
AD5
AD3 AD2 AD1 AD0 R/W
D7
D6
D5
D4
D3
D2
D1
ACK
D0
ACK
D7
D6
D5
D4
D3
D2
D1
ACK
D0
D7
D6
D5
D4
D3
D2
D1
NACK
D0
I2C Start
I2C Stop
SCCLK
SCDIO
INTREQ
Note 1
Note 2
Note 3
I2C Write Functional Timing
Note 4
Note 5
I2C Read Functional Timing
Figure 20. I
2C Timing
Notes: 1. The ACK for the address byte is driven by the CS4923/4/5/6/7/8/9.
2. The ACKs for the data bytes being read from the CS4923/4/5/6/7/8/9 should be driven by the
host.
3. INTREQ is guaranteed to stay low until the rising edge of SCCLK for last bit of the last byte to
be transferred out of the CS4923/4/5/6/7/8/9
4. A NOACK should be sent by the host after the last byte read to indicate the end of the read
cycle.
5. INTREQ is guaranteed to stay high until the next rising edge of SCCLK (for the ACK/NACK
bit) at which point it may go low again if there is new data to be read. The condition of INTREQ
going low at this point should be treated as a new read condition and a new start condition
followed by an address byte should be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com