Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RB Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2RB
Description  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2RB Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  2RB Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2RB Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2RB Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2RB Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2RB Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2RB Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Gas Discharge Tubes - 2RB-8 Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
For 2-electrode Axial Lead GDT: 500 PCS/Reel
Item
Dimensions
Spec.
Tolerance
L1
52
±2
L
64
±3
D
10
±0.5
F
T+1.4
Max.
D
F
L
L1
1.2max.
>
1.5typ.
68 typ.
.
330 ± 4.0
.
100typ.
.
Unit:mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com