Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4925 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4925
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4925 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4925 Datasheet HTML 30Page - Cirrus Logic CS4925 Datasheet HTML 31Page - Cirrus Logic CS4925 Datasheet HTML 32Page - Cirrus Logic CS4925 Datasheet HTML 33Page - Cirrus Logic CS4925 Datasheet HTML 34Page - Cirrus Logic CS4925 Datasheet HTML 35Page - Cirrus Logic CS4925 Datasheet HTML 36Page - Cirrus Logic CS4925 Datasheet HTML 37Page - Cirrus Logic CS4925 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
CS4923/4/5/6/7/8/9
34
DS262F2
covered in the CS4923/4/5/6/7/8/9 Hardware
User’s
Guide.
Application
configuration
is
described in the application code user’s guide for
the code being used.
6.2 Parallel Host Interface
The byte wide parallel host interface of the
CS492X supports application code download,
communication for hardware and application
configuration, compressed data input, and PCM
data input. When using either Intel or Motorola
modes, the parallel interface is implemented using
four 8-bit internal registers which are selectable
using inputs A1 and A0 as shown in table 3. Table
5 shows the individual registers and their bit
mapping.
In either the Intel or Motorola mode the INTREQ
pin can be used to interrupt the host when the DSP
has unsolicited outgoing messages to be read. For
specific details on the behavior of INTREQ in one
of
the
parallel
modes,
please
see
the
CS4923/4/5/6/7/8/9 Hardware User’s Guide.
6.2.1 Intel Parallel Host Mode
Intel parallel host mode is accomplished with CS,
RD, WR, A[1:0], and DATA[7:0]. Table 4 shows
the pin name, pin description and pin number of
each signal on the CS4923/4/5/6/7/8/9. RD and
WR have no effect when CS is held high.
When the DSP writes a byte to the HOSTMSG
register, the HOUTRDY bit in the CONTROL
register is set to indicate that there is data to be
read. To initiate a read cycle the host should drive
CS low. When CS is low, RD becomes the output
enable for DATA[7:0]. When CS and RD are low,
the contents of register address A[1:0] are driven
on the DATA[7:0] bus. The address A[1:0] must be
valid a minimum time before either CS or RD goes
low. The HOUTRDY bit of the CONTROL
register is cleared after the host reads from the
HOSTMSG register.
Driving both CS and WR low begins an 8-bit write
cycle. The address A[1:0] must be valid a
minimum time before either CS or WR goes low.
On the first rising edge of CS or WR, the write
cycle ends and DATA[7:0] are latched internally
by the CS492X. Data must be held sufficiently to
satisfy the hold time as given in the timing section.
The HINBSY bit is set when the host writes the
HOSTMSG register. This bit is cleared when the
byte in the HOSTMSG register is read by the DSP.
During RESET low, all control signals have no
effect and DATA[7:0] are high impedance.
A1
(Pin 6)
A0
(Pin 7)
Register Name
Register Function
1
1
CMPDATA
8-bit compressed
data to input unit
(write only)
1
0
PCMDATA
8-bit linear PCM data
to input unit (write
only)
0
1
CONTROL
Multi-bit control regis-
ter for setup and
handshaking (R/W)
0
0
HOSTMSG
8-bit control pipe
message register
(R/W)
Table 3. Host Memory Map
Pin Name
Pin Description
Pin Number
CS
Chip Select
18
RD
Output Enable
5
WR
Write Enable
4
A1
Register Address 1
6
A0
Register Address 0
7
INTREQ
Interrupt Request
20
DATA7
Data Bit 7
8
DATA6
Data Bit 6
9
DATA5
Data Bit 5
10
DATA4
Data Bit 4
11
DATA3
Data Bit 3
14
DATA2
Data Bit 2
15
DATA1
Data Bit 1
16
DATA0
Data Bit 0
17
Table 4. Intel Parallel Host Mode Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com