Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4954 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 41Page - Cirrus Logic CS4954 Datasheet HTML 42Page - Cirrus Logic CS4954 Datasheet HTML 43Page - Cirrus Logic CS4954 Datasheet HTML 44Page - Cirrus Logic CS4954 Datasheet HTML 45Page - Cirrus Logic CS4954 Datasheet HTML 46Page - Cirrus Logic CS4954 Datasheet HTML 47Page - Cirrus Logic CS4954 Datasheet HTML 48Page - Cirrus Logic CS4954 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
CS4954 CS4955
DS278PP4
45
Filter Register 1
Address
0
×23
CR_AMP
Read/Write
Default Value = 80h
Filter Register 2
Address
0
×24
Y_AMP
Read/Write
Default Value = 80h
Filter Register 3
Address
0
×25
R_AMP
Read/Write
Default Value = 80h
Filter Register 4
Address
0
×26
G_AMP
Read/Write
Default Value = 80h
Bit Number
765
432
10
Bit Name
V_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
V_AMP
V(Cr) amplitude coefficient
Bit Number
765
432
10
Bit Name
Y_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
Y_AMP
Luma amplitude coefficient
Bit Number
765
432
10
Bit Name
R_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
R_AMP
Red amplitude coefficient
Bit Number
765
432
10
Bit Name
G_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
G_AMP
Green amplitude coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com