Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD3DFN3 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MD3DFN3
Description  3A Full Bridge Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MD3DFN3 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MD3DFN3 Datasheet HTML 1Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 2Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 3Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 4Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 5Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 6Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 7Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 8Page - Bruckewell Technology LTD MD3DFN3 Datasheet HTML 9Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MD3DFN3 3A Full Bridge Rectifier
©Bruckewell Technology Corporation Rev. A -2013
Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
VGS
VDS = VGS, ID=250μA
2.5
-
4.5
V
*RDS(ON)
VGS =10V,ID =4.75A
-
0.8
1.0
mΩ
BVDSS
VGS=0, ID=250μA
700
-
-
V
∆BVDSS/∆Tj
Reference to 25°C, ID=250μA
0.60
IDSS
VDS =700V,VGS =0V
-
-
1
uA
VDS =560V, VGS =0, Tj=125°C
-
-
10
IGSSF
VGS =30V,VDS =0V
-
-
100
nA
IGSSR
VGS =-30V,VDS =0V
-
-
-100
nA
Dynamic Characteristics
Ciss
VGS=0V, VDS=25V, f=1MHz
-
1650
2050
pF
Coss
-
165
217
Crss
-
18
25
td(ON)
VDS =325V,ID =10A, RG = 25 Ω
-
25
55
ns
tr
-
70
150
td(OFF)
-
140
300
tf
-
80
165
Qg
VDS =520V,ID =10A, VGS =10V
-
48
58
nC
Qgs
-
7.0
-
Qgd
-
18.0
-
Source-Drain Diode Characteristics
IS
-
-
10
A
ISM
-
-
40
VSD
IS = 10A, VGS = 0 V
-
-
1.4
V
trr
IS = 10 A, VGS = 0 V diF/dt = 100 A/μs
-
430
-
nS
Qrr
-
4.3
-
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com