Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXP Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # GXP
Description  2-electrode Spark Gap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

GXP Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  GXP Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd GXP Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
2-electrode Spark Gap - GXP Series
1. Single-shot pulse generators
2. Turbine engine ignition circuits
3. Medical lithotripsy
4. High energy switches
Typical Applications
Electrical And Physical Characteristics
The GXP Series of 2-electrode spark gaps are gas discharge tubes,
hermetically sealed in a glass/metal envelope. Tubes with a DC breakdown
voltage in the range 250 V to 10 kV are available. This is signified by a
numeral or numerals following the type letters and is expressed in hundreds
of volts, e.g. GXP60 has a 6kV DC breakdown voltage.
Charge transfer, single discharge
(8/20 ms waveshape)
0.5C max
Cumulative charge transfer
6000C at 0.81mC
per discharge at 1 Hz
Operating temperature
-55 to +125°C
Mechanical shock, half-sine
(to B.S. 2011 test Ea)
40g for 4ms
Mounting
screw mounted
Radioactivity
tritium (3H), 5.44 MBq
(147 mCi) max per device
All ratings given in this data sheet a reab solute, nonsimultaneous ratings. It is the equipment designer’s responsibility to ensure
that they are not exceeded.The spark gap life depends on circuit conditions such as peak discharge current and duration,
charge transfer per discharge and the
repetition rate.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com