Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4924-CL Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4924-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924-CL Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4924-CL Datasheet HTML 35Page - Cirrus Logic CS4924-CL Datasheet HTML 36Page - Cirrus Logic CS4924-CL Datasheet HTML 37Page - Cirrus Logic CS4924-CL Datasheet HTML 38Page - Cirrus Logic CS4924-CL Datasheet HTML 39Page - Cirrus Logic CS4924-CL Datasheet HTML 40Page - Cirrus Logic CS4924-CL Datasheet HTML 41Page - Cirrus Logic CS4924-CL Datasheet HTML 42Page - Cirrus Logic CS4924-CL Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
39
6.4 I2C Serial Host Interface
For I2C communications the CS4923/4/5/6/7/8/9
always acts as a slave. Serial I2C communication
with the CS4923/4/5/6/7/8/9 is accomplished with
3 communication lines: SCCLK, SCDIO and
INTREQ. Table 8 shows the mnemonic, pin name,
and
pin
number
of
each
signal
on
the
CS4923/4/5/6/7/8/9. SCCLK is an input to the
CS492X that clocks data in and out of the device on
its rising edge. It should be noted that the timing
specifications for SCCLK are more stringent than
certain I2C requirements so care should be taken
that the rise and fall specifications for SCCLK are
met as stated in the timing portion of this data sheet.
SCDIO is a bidirectional data line whose data must
be valid on the rising edge of SCCLK. INTREQ is
an open drain, active-low request signal that is
driven low by the CS492X when there is data to be
read out.
6.4.1 I2C Write
When writing to the device in I2C, the same
protocol can be used for sending a byte, a word or
an entire download image as long as transfers occur
on byte boundaries. Figure 20 illustrates the
relative timing necessary for a three byte transfer to
the CS492X. The host initiates a transfer with an
I2C start condition followed by a 7-bit address and
the read/write bit set low to indicate a write. The
start condition is defined as the SCDIO falling with
SCCLK held high. The CS492X internal 7-bit
address is initially assigned to 000 0000b following
a reset. The 7-bit address sent to the CS492X must
match its internal address or the incoming data will
be ignored. Address checking can be disabled or
the actual address can be changed if desired.
Address checking configuration is documented in
the
hardware
configuration
section
of
the
CS4923/4/5/6/7/8/9 Hardware User’s guide. After
the address byte the host should then clock an
acknowledge (ACK) from the part. During a write,
an ACK is defined as SCDIO being driven low by
the CS492X for one SCCLK period after each byte.
Data should be shifted into the CS492X most
significant byte first with data being valid at the rising
edge of SCCLK. The host should then clock out the
acknowledge (ACK bit) bit from the CS492X. After
the last byte to be sent is acknowledged, the host
should send an I2C stop condition, which is defined as
the rising edge of SCDIO while SCCLK is held high.
If the CS492X fails to acknowledge a byte, the host
should re-transmit the same byte. If the CS492X
does not acknowledge back to back bytes, then the
host should reset the part.
6.4.2 I2C Read
The CS4923/4/5/6/7/8/9 will always indicate that it
has data to be read by asserting the INTREQ line
low. The host must recognize the request and start a
read transaction with the CS492X. The same
protocol will be used whether reading a byte or
multiple bytes. Figure 20 also illustrates the relative
timing of a three byte I2C read.
The host initiates a read with an I2C start condition
followed by a 7-bit address and the read/write bit set
high for a read. The start condition is defined as the
SCDIO falling with SCCLK held high. The CS492X
internal 7-bit address is initially assigned to 000
0000b following a reset. The 7-bit address sent to the
CS492X must match its internal address or the
incoming data will be ignored. Address checking
can be disabled or the actual address can be changed
if desired. Address checking configuration is
documented in the hardware configuration section
of the CS4923/4/5/6/7/8/9 Hardware User’s guide.
Pin Name
Pin Description
Pin Number
SCCLK
Serial Control Clock
7
SCDIO
Serial Data Input and
Output
19
INTREQ
Interrupt Request
20
Table 8. I2C Serial Mode Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com