Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB005S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MB005S
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB005S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MB005S Datasheet HTML 1Page - Bruckewell Technology LTD MB005S Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB005S - MB10S
SURFACE MOUNT
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated Lead solderable per MIL-STD-750,
Method 2026
* Polarity : Polarity symbols marked on body
* Mounting position : Any
* Weight : 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
SYMBOL MB005S MB01
MB02
MB04
MB06 MB08S MB10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Rectified Current at Ta = 40
°C
Maximum Peak Forward Surge Current
Single half sine wave Superimposed
on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
10
A
2S
Maximum Instantaneous Forward Voltage
per element at IF = 1.0 A
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 125
°C
IR(H)
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance (Note 2)
R
θJA
40
°C/W
Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal Resistance from Junction to Ambient on P.C.B. with 0.5" x 0.5" (13mm x 13mm) Copper Pads.
Page 1 of 2
A
VF
1.1
V
A
RATING
IF(AV)
IFSM
1.0
50
Dimensions in inches and ( millimeters )
DFS
0.047(1.20)
0.040(1.02)
0.404(10.3)
0.386(9.80)
0.335(8.51)
0.320(8.13)
0.255(6.5)
0.245(6.2)
0.122(3.1)
0.102(2.6)
0.060(1.524)
0.040(1.016)
0.013(0.330)
0.009(0.241)
~
~
0.205(5.2)
0.195(5.0)


Similar Part No. - MB005S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB005 BWTECH-MB005 Datasheet
340Kb / 4P
High current capability
MB005-010 BWTECH-MB005-010 Datasheet
340Kb / 4P
High current capability
More results

Similar Description - MB005S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com