Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N25ZG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5N25ZG-TN3-R
Description  3.8A, 250V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N25ZG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  5N25ZG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5N25Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-853.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
250
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
3.8
A
Pulsed (Note 2)
IDM
9
A
Avalanche Current (Note 2)
IAR
3.8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
60
mJ
Repetitive (Note 2)
EAR
3.7
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
5.5
V/ns
Power Dissipation
TA=25°C
PD
2.5
W
TC=25°C
37
W
Derate above 25°C
0.29
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=6.2mH, IAS=3.8A, VDD=50V, RG=25Ω, Starting TJ=25°C.
4. ISD≤4.5A, di/dt≤300A/µs, VDD≤BVDSS, Starting TJ=25°C.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
3.4
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com