Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N60Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N60Z
Description  5A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N60Z Datasheet(HTML) 1 Page - Unisonic Technologies

  5N60Z Datasheet HTML 1Page - Unisonic Technologies 5N60Z Datasheet HTML 2Page - Unisonic Technologies 5N60Z Datasheet HTML 3Page - Unisonic Technologies 5N60Z Datasheet HTML 4Page - Unisonic Technologies 5N60Z Datasheet HTML 5Page - Unisonic Technologies 5N60Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N60Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-909.a
5A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N60Z is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and
bridge circuits.
FEATURES
* RDS(ON) = 2.2Ω @VGS = 10 V
* Ultra Low Gate Charge ( Typical 15 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 6.5 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N60ZL-TF1-T
5N60ZG-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 5N60Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60 UTC-5N60 Datasheet
151Kb / 6P
4.5 Amps, 600 Volts N-CHANNEL MOSFET
5N60 UTC-5N60 Datasheet
242Kb / 6P
4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60 Datasheet
254Kb / 6P
5A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
5N60 NELLSEMI-5N60 Datasheet
396Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
5N60 ISC-5N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
More results

Similar Description - 5N60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
600V, 5A N-Channel MOSFET
logo
Unisonic Technologies
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
5A, 600V N-CHANNEL POWER MOSFET
5N65 UTC-5N65 Datasheet
253Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
600V,5A N-Channel MOSFET
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
600V,5A N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com