Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5333 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB5333
Description  24-Bit, 96 kHz Stereo A/D Converter?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5333 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB5333 Datasheet HTML 9Page - Cirrus Logic CDB5333 Datasheet HTML 10Page - Cirrus Logic CDB5333 Datasheet HTML 11Page - Cirrus Logic CDB5333 Datasheet HTML 12Page - Cirrus Logic CDB5333 Datasheet HTML 13Page - Cirrus Logic CDB5333 Datasheet HTML 14Page - Cirrus Logic CDB5333 Datasheet HTML 15Page - Cirrus Logic CDB5333 Datasheet HTML 16Page - Cirrus Logic CDB5333 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CS5333
DS520PP1
13
4. APPLICATIONS
4.1
Grounding and Power Supply
Decoupling
As with any high resolution converter, the CS5333
requires careful attention to power supply and
grounding arrangements to optimize performance.
Figure 3 show the recommended power arrange-
ment with VA and VL connected to clean supplies.
Decoupling capacitors should be located as close to
the device package as possible.
4.2
Oversampling Modes
The CS5333 operates in one of two oversampling
modes. Base Rate Mode supports input sample
rates up to 50 kHz while High Rate Mode supports
input sample rates up to 100 kHz. See Table 1 for
more details.
4.3
Recommended Power-up Sequence
1) Hold RST low until the power supply, master,
and left/right clocks are stable. In this state, VQ
will remain low.
2) Bring RST high. The device will remain in a
low power state with VQ low and will initiate
the power-up sequence.
This power-up se-
quence takes approximately 1024 LRCK cycles
to complete.
4.4
Master/Slave Mode
In Master, Base Rate Mode (Pull-up on SDATA,
DIV=0), the CS5333 requires a 256x MCLK and
provide a 64x SCLK. In Master, High Rate Mode
(Pull-up on SDATA, DIV=1), the CS5333 requires
a 128x MCLK and provide a 64x SCLK. The vari-
ous clocking ratios required in Slave Mode (Pull-
down on SDATA) are listed under the description
of MCLK, on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com