Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2625B Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 2SC2625B
Description  Silicon NPN triple diffusion planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC2625B Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  2SC2625B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC2625B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC2625B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
ELECTRICAL CHARACTERISTICS (T = 25°C)
C
UNIT
mA
ton
VCE(sat)
IEBO
tf
PARAMETER
Emitter cutoff current
Forward current transfer ratio (DC current gain)
Collector to emitter saturation voltage
Base to emitter saturation voltage
Fall time
ICBO
tstg
V
Collector cutoff current
Collector to emitter voltage
SYMBOL
VCEO(SUS)*
hFE
VBE(sat)
Turn-on time
Storage time
V
= 450V, l = 0
CBO
E
V
= 7V, l = 0
EBO
C
l = 1A, L = 50mH
C
V
= 5V,
CE
l = 4A
C
l
= 1mA
CBO
l = 4A, l = 0.8A
C
B
MAX
1.0
0.1
1.2
1.5
1.0
2.0
1.0
l = 7.5A, l
= 1.5A, l
= -1.5A
C
B1
B2
R = 20
Ω,
L
P
= 20µs,
W
X
L 50mH
15V
1W
Y
G
6V
120W
50/60Hz
mercury relay
CONDITIONS
µS
V
l
= 10mA
CEO
VCEO
VCBO
VEBO
Collector to base voltage
Emitter to base voltage
l
= 0.1mA
EBO
7
10
l = 4A, l = 0.8A
C
B
*V
Test circuit
CEO(sus)
MIN
400
450
Duty
≤ 2%
Switching time test circuit
P = 20
µs
W
lB1
lB2
lC
R
=20
Ω
L
lB1
lB2
lC
0.9lC
0.1lC
tON
tSTG tF
Page 2 of 3
www.nellsemi.com
2SC2625B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com