Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4110B Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 2SC4110B
Description  Silicon NPN triple diffusion planar transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC4110B Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  2SC4110B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 2 of 4
www.nellsemi.com
ELECTRICAL CHARACTERISTICS (T = 25°C)
a
UNIT
µA
ton
VCE(sat)
IEBO
PARAMETER
Emitter cutoff current
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
(Gain-Bandwidth product)
Fall time
ICBO
tstg
V
Collector cutoff current
Collector to emitter sustaining voltage
SYMBOL
VCE(SUS)
VBE(sat)
fT
Turn-on time
Storage time
V
= 400V, l = 0
CB
E
l = 10A, L = 200μH,
C
l
= 1A,
BI
l
= -4A
B2
V
= 5V, l = 0
EB
C
l = 16A, l = 3.2A
C
B
l = 16A, l = 3.2A
C
B
V
= 10V, l = 3.2A
CE
C
MIN.
TYP.
l = 20A, l
= 4.0A, l
= -8A
C
B1
B2
V
= 200V, R = 10Ω
CC
L
CONDITIONS
µs
MHz
V
h
1
FE
DC current gain
h
3
FE
h
2
FE
V
= 5V, I
CE
= 3.2A
C
Rank-L
Rank-M
Rank-N
V
= 5V, I
CE
= 16A
C
V
= 5V, I
CE
= 10mA
C
15
20
30
10
10
30
40
50
tf
0.3
2.5
0.5
Cob
V(BR)CBO
V(BR)CEO
V(BR)EBO
Output capacitance
Collector to base breakdown voltage
Collector to emitter breakdown voltage
Emitter to base breakdown voltage
V
= 10V, f= 1MHz
CB
l = 1mA, l = 0
C
E
l = 10mA, R
= ∞
C
BE
l = 1mA, I = 0
E
C
500
400
7
300
MAX.
VALUE
10
10
400
0.8
1.5
20
pF
V
ORDERING INFORMATION SCHEME
Current & Voltage rating, I & V
C
CEO
Transistor series
NPN Type
25A / 400V
L = 15 ~ 30
2SC 4110
B - M
Package type
B = TO-3PB
DC current gain rank, h
1
FE
M = 20 ~ 40
N = 30 ~ 50
2SC4110B Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com