Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP310 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # KBP310
Description  3 Amp Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBP310 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  KBP310 Datasheet HTML 1Page - Bruckewell Technology LTD KBP310 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.750
---
19.00
---
D
---
.250
---
6.40
G
.125
---
3.20
---
A
B
C
H
G
D
E
AC
+
-
A
---
.693
---
17.60
B
---
.504
---
12.80
E
.150
---
3.80
---
3PL/TYP
          

.320
0.80
H
KBP3005
THRU
KBP310
3 Amp
Bridge Rectifier
50 to 1000 Volts
Features
•
Surge overload ratings 80 amperes peak
•
Ideal for printed circuit board
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBP3005
KBP3005
50V
35V
50V
KBP301
KBP301
100V
70V
100V
KBP302
KBP302
200V
140V
200V
KBP304
KBP304
400V
280V
400V
KBP306
KBP306
600V
420V
600V
KBP308
KBP308
800V
560V
800V
KBP310
KBP310
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA = 55
°C
Peak Forward Surge
Current
IFSM
80A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 1.0A per
element;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
TJ = 25
°C
TJ = 100
°C
          



Similar Part No. - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP310 MCC-KBP310 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
KBP310 YANGJIE-KBP310 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBP310 CHENG-YI-KBP310 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP310 LUGUANG-KBP310 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
Formosa MS
KBP310 FORMOSA-KBP310 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results

Similar Description - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB305 MCC-PB305 Datasheet
75Kb / 2P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBP3005 MCC-KBP3005 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
KBP3005G MCC-KBP3005G Datasheet
494Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Tiger Electronic Co.,Lt...
KBP2005 TGS-KBP2005 Datasheet
94Kb / 2P
2 Amp Bridge Rectifier 50 to 1000 Volts
logo
Bruckewell Technology L...
KBP3005-310 BWTECH-KBP3005-310 Datasheet
388Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
KBP3005 MCC-KBP3005_15 Datasheet
397Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
KBP3005G MCC-KBP3005G_17 Datasheet
288Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
KBP4005G MCC-KBP4005G Datasheet
325Kb / 3P
4 Amp Bridge Rectifier 50 to 1000 Volts
PB305 MCC-PB305_13 Datasheet
267Kb / 3P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com