Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5331A-BS Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5331A-BS
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A-BS Datasheet(HTML) 4 Page - Cirrus Logic

  CS5331A-BS Datasheet HTML 1Page - Cirrus Logic CS5331A-BS Datasheet HTML 2Page - Cirrus Logic CS5331A-BS Datasheet HTML 3Page - Cirrus Logic CS5331A-BS Datasheet HTML 4Page - Cirrus Logic CS5331A-BS Datasheet HTML 5Page - Cirrus Logic CS5331A-BS Datasheet HTML 6Page - Cirrus Logic CS5331A-BS Datasheet HTML 7Page - Cirrus Logic CS5331A-BS Datasheet HTML 8Page - Cirrus Logic CS5331A-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS (AGND = 0V, all voltages with respect to ground.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply:
VA+
-0.3
-
+6.0
V
Input Current, Any Pin Except Supplies
(Note 7)
Iin
-
-
±10
mA
Analog Input Voltage
(Note 8)
VINA
-0.7
-
(VA+)+0.7
V
Digital Input Voltage
(Note 8)
VIND
-0.7
-
(VA+)+0.7
V
Ambient Temperature (power applied)
TA
-55
-
+125
°C
Storage Temperature
Tstg
-65
-
+150
°C
Notes:
7. Any Pin except supplies. Transient currents of up to +/- 100 mA on the analog input pins will not
cause SCR latch-up.
8. The maximum over/under voltage is limited by the input current.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND = 0V; all voltages with respect to ground)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
VA+
4.75
5.0
5.25
V
Analog Input Voltage
(Note 9)
VIN
-4
-
Vpp
Analog Input Bias Voltage
2.2
2.4
2.6
V
Note:
9. The output codes will clip at full scale with input signals > Full Scale and < VA+.
Specifications are subject to change without notice.
CS5330A/CS5331A
4
DS138F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com