Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N70ZL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N70ZL-TN3-R
Description  5A, 700V LOGIC N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N70ZL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5N70ZL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 5N70ZL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N70Z
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-911. D
5A, 700V LOGIC
N-CHANNEL MOSFET
DESCRIPTION
The UTC 5N70Z is an N-Channel enhancement MOSFET, it
uses UTC’s advanced technology to provide customers with a
minimum on-state resistance, high switching speed and low gate
charge. It can also withstand high energy pulse in the avalanche
and commutation modes.
The UTC 5N70Z is suitable for high efficiency switching
DC/DC converter, motor control and switch mode power supply.
FEATURES
* RDS(ON)<2.5Ω @ VGS=10V
* Low gate charge ( Typ=4.8nC)
* Low CRSS (Typ=6.0pF)
* High switching speed
* ESD Capability
SYMBOL
G
D
S
TO-251
1
TO-220F2
TO-220F
1
1
1
TO-220F1
TO-252
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N70ZL-TF3-T
5N70ZG-TF3-T
TO-220F
G
D
S
Tube
5N70ZL-TF1-T
5N70ZG-TF1-T
TO-220F1
G
D
S
Tube
5N70ZL-TF2-T
5N70ZG-TF2-T
TO-220F2
G
D
S
Tube
5N70ZL-TM3-T
5N70ZG-TM3-T
TO-251
G
D
S
Tube
5N70ZL-TN3-R
5N70ZG-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 5N70ZL-TN3-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5N70A YFWDIODE-5N70A Datasheet
1Mb / 7P
5A 700V N-channel enhanced field effect transistor
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N70K VBSEMI-5N70K Datasheet
1Mb / 8P
N-Channel 700 V (D-S) Power MOSFET
logo
Unisonic Technologies
5N70K-MT UTC-5N70K-MT Datasheet
248Kb / 7P
N-CHANNEL POWER MOSFET
5N70KG-TA3-T UTC-5N70KG-TA3-T Datasheet
248Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 5N70ZL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
700V N-Channel MOSFET
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
700V N-Channel MOSFET
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
700V N-Channel MOSFET
logo
Bruckewell Technology L...
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
700V N-Channel MOSFET
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com