Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5322-BL Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5322-BL
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322-BL Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5322-BL Datasheet HTML 17Page - Cirrus Logic CS5322-BL Datasheet HTML 18Page - Cirrus Logic CS5322-BL Datasheet HTML 19Page - Cirrus Logic CS5322-BL Datasheet HTML 20Page - Cirrus Logic CS5322-BL Datasheet HTML 21Page - Cirrus Logic CS5322-BL Datasheet HTML 22Page - Cirrus Logic CS5322-BL Datasheet HTML 23Page - Cirrus Logic CS5322-BL Datasheet HTML 24Page - Cirrus Logic CS5322-BL Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CS5320/21/22
DS454PP1
21
sheet. The clock must have less than 300 ps jitter to
maintain data sheet performance from the device.
The CS5320/21 is equipped with loss of clock de-
tection circuitry which will cause the CS5320/21 to
enter a powered-down state if the MCLK is re-
moved or reduced to a very low frequency. The
HBR pin on the CS5320/21 modifies the sampling
clock rate of the modulator. When HBR = 1, the
modulator sampling clock will be at MCLK/4; with
HBR = 0 the modulator sampling clock will be at
MCLK/8. The chip set will exhibit about 3 dB less
S/N performance when the HBR pin is changed
from a logic "1" to a logic "0" for the same output
word rate from the CS5322.
2.6 Low Power Mode
The CS5320/21 includes a low power operating
mode (LPWR =1). When operated with LPWR = 1,
the CS5320/21 modulator sampling clock must be
restricted to rates of 128 kHz or less. Operating in
low power mode with modulator sample rates
greater than 128 kHz will greatly degrade perfor-
mance.
2.7 Digital Interface and Data Format
The MCLK signal (normally 1.024 MHz) is divid-
ed by four, or by eight inside the CS5320/21 to gen-
erate the modulator oversampling clock. The HBR
pin determines whether the clock divider inside the
CS5320/21 divides by four (HBR =1) or by eight
(HBR = 0). The modulator outputs a ones density
bit stream from its MDATA and MDATA pins pro-
portional to the analog input signal, but at a bit rate
determined by the modulator over sampling clock.
For proper synchronization of the bitstream, the
CS5320/21 must be furnished with an MSYNC sig-
nal prior to data conversion. The MSYNC signal,
generated by the CS5322, resets the MCLK
counter-divider in the CS5320/21 to the correct
phase so that the bitstream can be properly sampled
by the CS5322 digital filter.
When operated with the CS5322 digital filter the
output codes from the CS5320/21/22 will range
from
approximately
decimal
-5,242,880
to
+5,242,879 for an input to the CS5320/21 of
±4.5
V. Table 1 illustrates the output coding for various
input signal amplitudes. Note that with a signal in-
put defined as a full scale signal (4.5 V with
VREF+ = 4.5 V) the CS5320/22 and CS5321/22
chipsets does not output a full scale digital code of
8,388,607 but is scaled to a lower value to allow
some overrange capability. Input signals can ex-
ceed the defined full scale by up to 5% and still be
converted properly.
Modulator Input
Signal
CS5322 Filter
Output Code
HEX
Decimal
> (+VREF + 5%)
Error Flag Possible
≈ (+VREF + 5%)
53FFFF(H)
+5505023
+VREF
4FFFFF(H)
+5242879
0V
000000(H)
0
-VREF
B00000(H)
-5242880
≈ - (+VREF +5%)
AC0000(H)
-5505024
> - (+VREF +5%)
Error Flag Possible
Table 1. Output Coding for the CS5320/21 and
CS5322 Combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com