Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM5 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CM5
Description  4 Pin SOP OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CM5 Datasheet(HTML) 2 Page - Clare, Inc.

  CM5 Datasheet HTML 1Page - Clare, Inc. CM5 Datasheet HTML 2Page - Clare, Inc. CM5 Datasheet HTML 3Page - Clare, Inc. CM5 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
CM5
Rev. 1
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
Molded Ultra-Mini DYAD™
2
Parameter
Min
Typ
Max
Units
Switching Voltage
CM5 - Molded Ultra Mini-DYAD™
-
-
175
Volts
Switching Current
CM5 - Molded Ultra Mini-DYAD™
-
-
0.25
Amps
Carry Current
CM5 - Molded Ultra Mini-DYAD™
-
-
0.50
Amps
Switching Frequency
CM5 - Molded Ultra Mini-DYAD™
-
-
500
Hz
Contact Resistance
CM5 - Molded Ultra Mini-DYAD™
-
-
300
m
Ω
(See detailed specifications for more information.)
Specifications
All parameters are at 25
°C unless otherwise stated.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Contact Ratings
Operate ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
10
-
30
NI
Release ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
5
-
30
NI
5Switching Voltage
Max DC/PeakAC Resistive
V
L
-
-
175
VDC
Switching Current
Max DC/PeakAC Resistive
I
L
-
-
250
mAmps
Carry Current
Max DC/PeakAC Resistive
I
C
-
-
0.5
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
-
5
VA
Life Expectancy
1V, 10mA Signal Level
-
-
1000
-
x106 Ops
10V, 10mA Low Level
-
-
500
-
-x106 Ops
50V, 100mA Telecom Load
-
-
2
-
x106 Ops
100V, 100mA Rated Loads
-
-
2
-
x106 Ops
Static Contact Resistance
50mV, 10mA(1)
CR
-
120
300
Ω
Contact Material
-
-
Ru
-
-
Switch Specifications
Insulation Resistance(2)
100V, 25
°C, 40% RH
IR
109
1011
-
Ω
Capacitance
Across Open Contacts
-
-
0.3
-
pF
Dielectric Strength(5)
Between Contacts
-
200
-
-
VDC/Peak AC
Operate Time,
At nominal coil voltage,
T
OP
-
-
0.4
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression(3)
T
REL
-
-
0.1
ms
Environmental Ratings
Storage Temperature
T
A
-40
-
+125
˚C
Operating Temperature
T
O
-40
-
+125
˚C
Soldering Temperature
-
-
-
+265
˚C
Vibration
5Hz - 200Hz
G
-
-
20
-Gs
Shock
11
±1ms, 1/
2 Sine Wave
S
-
-
30
Gs
Shock - survivability
11
±1ms, 1/
2 Sine Wave
S
-
-
500
Gs
(1) Contact resistance measured with 4 terminal method, 1.1" between test leads
(2) >1012
Ω is available upon request
(3) A 24V zener in series with a diode across the coil
(4) Use caution not to exceed vibration resistance limits while ultrasonically cleaning. Contact Clare, Inc.
Engineering for more details/ recommendations
(5) 15 ampere turn minimum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com