Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # B1S
Description  MINI-BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

B1S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  B1S Datasheet HTML 1Page - Bruckewell Technology LTD B1S Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( B1S - B10S )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
PER BRIDGE ELEMENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
Page 2 of 2
0.8
0.6
0.4
0.2
1.0
10
1.0
28
0
35
0
21
14
7
1
80
0.1
0.0
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25°C
TJ = 125°C
0.01
100
Pulse Width = 300
μs
1% Duty Cycle
TJ = 25°C
Single Half Sine-Wave
(JEDEC Method)
Ta = 40°C
Resistive or Inductive Load
FORWARD VOLTAGE, VOLTS
0.2
0
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
2.0
Aluminum Substrate
Glass Epoxy
P.C.B.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com