Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # B2S
Description  MINI-BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

B2S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  B2S Datasheet HTML 1Page - Bruckewell Technology LTD B2S Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B1S - B10S
MINI-BRIDGE RECTIFIERS
PRV : 100 - 1000 Volts
Io : 0.5 Ampere
FEATURES :
* Glass passivated chip junctions.
* High surge overload rating : 35A peak
* Saves space on printed circuit boards.
* High temperature soldering guaranteed :
260
oC/10 seconds.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated Lead solderable per
MIL-STD-750, Method 2026
* Polarity : Polarity symbols marked on body
* Mounting position : Any
* Weight : 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
60 Hz, resistive or inductive load
SYMBOL B1S
B2S
B4S
B6S
B8S
B10S UNIT
Maximum Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Output
0.5
(1) (on glass-epoxy P.C.B.)
Rectified Current (See Fig.1)
0.8
(2) (on aliminum substrate)
Maximum Peak Forward Surge Current
Single half sine wave Superimposed
on rated load (JEDEC Method)
Rating for fusing (t < 8.3 ms.)
I
2t
5.0
A
2S
Maximum Instantaneous Forward Voltage
per element at IF = 0.4 A
Maximum DC Reverse Current
Ta = 25°C
IR
5.0
μA
at Rated DC Blocking Voltage
Ta = 125°C
IR(H)
100
μA
Typical Junction Capacitance per element
Cj
13
(3)
pF
Typical Thermal Resistance
RӨJA
85
(1)
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
Notes :
(1) On glass epoxy P.C Board mounted on 0.5" x 0.5" (13mm x 13mm) Pads.
(2) On aluminum substrate P.C.B. with an area 0.8" x 0.8" (20mm x 20mm) mounted on 0.5" x 0.5" (13mm x 13mm) Pads.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
A
VF
V
A
1.0
RATING
IF(AV)
IFSM
35
Dimensions in inches and ( millimeters )
MBS (TO-269AA)
0.272(6.90)
0.252(6.40)
0.029(0.74)
0.017(0.43)
0.105(2.67)
0.095(2.41)
0.195(4.95)
0.179(4.55)
0.161(4.10)
0.144(3.65)
0.114(2.90)
0.094(2.40)
0.106(2.70)
0.094(2.40)
0.205(5.21)
0.195(4.95)
0.016(0.41)
0.006(0.15)
~~


Similar Part No. - B2S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B2S PANJIT-B2S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Bytes
B2S BYTES-B2S Datasheet
221Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
B2S DCCOM-B2S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B2S FORMOSA-B2S Datasheet
69Kb / 2P
Glass passivated type
logo
Comchip Technology
B2S COMCHIP-B2S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
More results

Similar Description - B2S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S1ZB20 EIC-S1ZB20_05 Datasheet
49Kb / 2P
MINI-BRIDGE RECTIFIERS
logo
Frontier Electronics.
MD005S FRONTIER-MD005S Datasheet
121Kb / 2P
0.8A MINI SURFACE MOUNT BRIDGE RECTIFIERS
MD005S-LFR FRONTIER-MD005S-LFR Datasheet
121Kb / 2P
0.8A MINI SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
B1S DGNJDZ-B1S Datasheet
109Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB1M DGNJDZ-MB1M Datasheet
168Kb / 2P
MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
MD1M DGNJDZ-MD1M Datasheet
132Kb / 2P
MINI GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Bruckewell Technology L...
DF15005S BWTECH-DF15005S Datasheet
149Kb / 2P
SURFACE MOUNT MINI BRIDGE RECTIFIERS
logo
Nanjing International G...
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB1F BYTESONIC-MB1F Datasheet
550Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.4 2017/03/13
B1S BYTESONIC-B1S Datasheet
604Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
2017/5/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com