Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-56001-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-56001-C1-R0
Description  High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-56001-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-56001-C1-R0_12 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 121101
High Performance ASIC Cooling Solutions
w/Thermal Tape Attachment
*Image above is for illustration purpose only.
ATS Part#:
ATS-56001-C1-R0
Description:
maxiFLOW™ Heat Sink, T412, RED-ANODIZED
Heat Sink Type:
maxiFLOW
Heat Sink Attachment:
THERMAL TAPE
Equivalent Part Number:
ATS-56001-C3-R0
Features & Benefits
maxiFLOW™ design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling
Designed specifically for ASIC package and their unique cooling requirements
Comes pre-assembled with high performance thermal interface material
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
5.30 °C/W
4.10 °C/W
3.40 °C/W
3.00 °C/W
2.70 °C/W
2.40 °C/W
2.20 °C/W
Ducted Flow
3.30
n/a
n/a
n/a
n/a
n/a
n/a
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
19.0 mm
19.0 mm
9.0 mm
26.0 mm
T412
RED-ANODIZED
Notes:
Dimension A and B refer to heat sink length and width
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-56001-C3-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C675).
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-56001-C1-R0_12

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-56001-C1-R0 ATS-ATS-56001-C1-R0_17 Datasheet
315Kb / 1P
Designed specifically for ASIC package and their unique cooling requirements
Rev - 040517
More results

Similar Description - ATS-56001-C1-R0_12

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-50210P-C1-R0 ATS-ATS-50210P-C1-R0 Datasheet
994Kb / 1P
Ultra High Performance BGA Cooling Solutions w/ maxiGRIP Attachment
Rev - 121101
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56000-C1-R0 ATS-ATS-56000-C1-R0_12 Datasheet
445Kb / 1P
121101High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56002-C4-R0 ATS-ATS-56002-C4-R0_12 Datasheet
992Kb / 1P
121101High Performance ASIC Cooling Solutions
Rev - 121101
ATS-55325D-C1-R0 ATS-ATS-55325D-C1-R0 Datasheet
930Kb / 1P
High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54270K-C1-R0 ATS-ATS-54270K-C1-R0 Datasheet
970Kb / 1P
Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54350R-C1-R0 ATS-ATS-54350R-C1-R0 Datasheet
971Kb / 1P
Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54375D-C1-R0 ATS-ATS-54375D-C1-R0 Datasheet
971Kb / 1P
Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-56010-C4-R0 ATS-ATS-56010-C4-R0_12 Datasheet
1Mb / 1P
Rev - 121101High Performance ASIC Cooling Solutions
Rev - 121101
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com