Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MBR3045CT
Description  Dual Common Cathode Schottky Rectifier,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MBR3045CT Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MBR3045CT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MBR3045CT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MBR3045CT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MBR3045CT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MBR3045CT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
UNIT
TEST CONDITIONS
PARAMETER
VALUE
Non-repetitive peak surge current
lFSM
SYMBOL
Non-repetitive avalanche energy
Repetitive avalanche current
EAS
lAR
5 μs sine or 3 μs rect.pulse
Following any rated load
condition and with rated
V
applied
RRM
Surge applied at rated load condition half wave
single phase 60 Hz
A
mJ
A
1020
200
10
2
T = 25°C, l
= 2.0A, L = 5mH
J
AS
Current decaying linearly to zero in 1 μs
Frequency limited by T maximum V = 1.5 x V typical
J
A
R
ELECTRICAL SPECIFICATIONS
UNIT
TEST CONDITIONS
PARAMETER
SYMBOL
Maximum forward voltage drop
Maximum instantaneous reverse current
Maximum junction capacitance
Typical series inductance
Maximum voltage rate of change
(1)
VFM
(1)
lRM
CT
LS
dV/dt
T = 25°C
J
T = 125°C
J
T = 25°C
J
T = 125°C
J
Rated DC voltage
V = 5 V
(test signal range
R
DC
100 kHz to 1 MHZ) 25°C
Measured from top of terminal to
mounting plane
Rated VR
8
10000
V/µs
nH
pF
mA
V
www.nellsemi.com
Page 2 of 5
SEMICONDUCTOR
RoHS
RoHS
Nell Semiconductors
Maximum average
forward current
lF(AV)
15
A
T = 123°C, rated V
C
R
VALUE
VOLTAGE RATINGS
UNIT
SYMBOL
PARAMETER
Maximum DC reverse voltage
Maximum working peak reverse voltage
VR
VRWM
45
V
VALUE
per device
per diode
30
I = 15A
F
I = 30A
F
I = 15A
F
I = 30A
F
0.65
0.8
0.57
0.7
1
100
650
Peak repetitive forward current per leg
lFRM
Rated V , square wave, 20KHz, T = 123C°
R
C
30
A
Note
(1) Pulse width < 300 µs, duty cycle < 2%
MBR3045CT Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com