Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1008 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1008
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1008 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1008 Datasheet HTML 1Page - Clare, Inc. CPC1008 Datasheet HTML 2Page - Clare, Inc. CPC1008 Datasheet HTML 3Page - Clare, Inc. CPC1008 Datasheet HTML 4Page - Clare, Inc. CPC1008 Datasheet HTML 5Page - Clare, Inc. CPC1008 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1008N
Rev. 1
CPC1008N
Typical LED Forward Voltage Drop
vs. Temperature
Temperature ( C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
o
CPC1008N
Typical Turn-On vs. LED Forward Current
(Load Current = 120mA)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
CPC1008N
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
CPC1008N
Typical On-Resistance vs. Temperature
(Load Current = max rated @ temperature)
Temperature ( C)
-40
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
o
Steady State
Instantaneous
IF = 5mA
IF = 10mA
IF = 5mA
CPC1008N
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mA)
Temperature ( C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o
CPC1008N
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mA)
Temperature ( C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o
Load Voltage (V)
150
100
50
0
-50
-100
-150
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
CPC1008N
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
IF = 5mA
o
CPC1008N
Energy Rating Curve
Time
10µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100µs
100ms 1s
10ms
10s 100s
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com